Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT424012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT424012
Description  Power PCB Relay RT2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT424012 Datasheet(HTML) 1 Page - Tyco Electronics

  RT424012 Datasheet HTML 1Page - Tyco Electronics RT424012 Datasheet HTML 2Page - Tyco Electronics RT424012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power PCB Relay RT2
I 2 pole 8 A, 2 CO or 2 NO contacts
I DC- or AC-coil
I Sensitive coil 400 mW
I Reinforced insulation
I WG version: Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0413
Applications
Domestic appliances, heating control, emergency lighting,
modems
F0149-B
Approvals
V REG.-Nr. 6106, Z E214025, B C0786
Technical data of approved types on request
Contact data
Contact configuration
2 CO or 2 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
8 A, UL: 10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Limiting continuous current
UL: 10 A
Maximum breaking capacity AC
2000 VA
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgNi 90/10, AgNi 90/10 gold plated, AgSnO2
Mechanical endurance DC coil
> 30 x 106 cycles
AC coil
> 5 x 106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RT424
8 A, 250 VAC, NO contact, 70°C, EN61810-1
100x103
RT444
6(3) A, 250 VAC, NO contact, 85°C; EN60730-1
100x103
RT424
6(2) A, 250 VAC, NO/NC contact, 85°C; EN60730-1
100x103
RT424
10 A, 250 VAC, CO contact, 70°C; General purpose, UL508
30x103
RT424
1/2hp @ 240 VAC, 1/4hp @ 120 VAC, UL508
RT424
Pilot duty B300, UL508
RT424
8 A, 30 VDC, General Purpose, UL508
RT424
4 A, 230 VAC, cos
ϕ=0.6, gas burner
150x103
Coil data
Rated coil voltage range DC coil
5...110 VDC
AC coil
24...230 VAC
Coil power DC coil
typ 400 mW
AC coil
typ 0,75 VA
Operative range
2
Coil insulation system according UL1446
class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
005
5
3.5
0.5
62+10%
403
006
6
4.2
0.6
90+10%
400
012
12
8.4
1.2
360+10%
400
024
24
16.8
2.4
1440+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+12%
420
110
110
77.0
11.0
28800+12%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RT424012

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RT424012 SIEMENS-RT424012 Datasheet
193Kb / 8P
Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Tyco Electronics
RT424012 MACOM-RT424012 Datasheet
246Kb / 3P
Power PCB Relay
RT424012AP MACOM-RT424012AP Datasheet
541Kb / 3P
General Purpose Relays PCB Relays
RT424012F MACOM-RT424012F Datasheet
542Kb / 3P
Power PCB Relay RT2
RT424012F MACOM-RT424012F Datasheet
77Kb / 2P
16 Amp PC Board Miniature Relay
More results

Similar Description - RT424012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
Power PCB Relay RT2 bistable
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
Power PCB Relay RT2
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
Power PCB Relay RT2
logo
TE Connectivity Ltd
RT2-DC TEC-RT2-DC Datasheet
411Kb / 4P
Power PCB Relay RT2 DC and AC
RT423730 TEC-RT423730 Datasheet
410Kb / 4P
Power PCB Relay RT2 DC and AC (for global markets)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com