Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6398 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6398
Description  LVDS-output Quartz Crystal Oscillator IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6398 Datasheet(HTML) 7 Page - New Japan Radio

  NJU6398 Datasheet HTML 1Page - New Japan Radio NJU6398 Datasheet HTML 2Page - New Japan Radio NJU6398 Datasheet HTML 3Page - New Japan Radio NJU6398 Datasheet HTML 4Page - New Japan Radio NJU6398 Datasheet HTML 5Page - New Japan Radio NJU6398 Datasheet HTML 6Page - New Japan Radio NJU6398 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2011/02/24 ( 7 / 7 )
NJU6398
(8) Output Disable Time / Output Enable Time
[CAUTION]
The specifications on this data book are only
given for information , without any guarantee
as regards either mistakes or omissions.
The application circuits in this data book are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
CONT
FOUT
tPLZ
tPZL
0.2VDD
VOL
0.8VDD
VOH
Pulse
Generator
CONT
3.3V
FOUTA
VDD
VSS
FOUTB
XT
0.001uF
0.1uF
RUP=10kΩ
RUP=10kΩ
CL=10pF
CL=10pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com