Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7394 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7394
Description  Pushbutton Interface EVR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7394 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7394 Datasheet HTML 3Page - New Japan Radio NJU7394 Datasheet HTML 4Page - New Japan Radio NJU7394 Datasheet HTML 5Page - New Japan Radio NJU7394 Datasheet HTML 6Page - New Japan Radio NJU7394 Datasheet HTML 7Page - New Japan Radio NJU7394 Datasheet HTML 8Page - New Japan Radio NJU7394 Datasheet HTML 9Page - New Japan Radio NJU7394 Datasheet HTML 10Page - New Japan Radio NJU7394 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
- 7 -
NJU7394
NJU7394 Ver.3.0_E
PIN NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
DC
VOLTAGE
20
21
27
TREBLE
SWMODE
SENSE
Treble Gain Setting
Control Mode Setting
Limiter Threshold Setting
It
depends
on a test
circuit.
22
IREF
Reference Current
1.2V
23
VREF
Reference Voltage
V
+/2
24
V +
Power Supply
V
+
V+
V+
52.5Ω
V+
V+
52.5Ω
V+
5kΩ
V+
52.5Ω
V+
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com