Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4150 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4150
Description  Internal 34V MOSFET Switching Regulator IC for Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4150 Datasheet(HTML) 7 Page - New Japan Radio

  NJW4150 Datasheet HTML 1Page - New Japan Radio NJW4150 Datasheet HTML 2Page - New Japan Radio NJW4150 Datasheet HTML 3Page - New Japan Radio NJW4150 Datasheet HTML 4Page - New Japan Radio NJW4150 Datasheet HTML 5Page - New Japan Radio NJW4150 Datasheet HTML 6Page - New Japan Radio NJW4150 Datasheet HTML 7Page - New Japan Radio NJW4150 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJW4150
- 7 -
Ver.2011-02-25
■TYPICAL CHARACTERISTICS
0
1
2
3
4
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Quiescent Current vs. Temperature
(R
L
= No Load, V
IN-
=0.5V)
V+=6V V+=24V
V+=34V
0
10
20
30
40
50
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Standby Current vs. Temperature
(V
ON/OFF
=0V)
V+=6V
V+=24V
V+=34V
5.4
5.5
5.6
5.7
5.8
5.9
6
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Under Voltage Lockout Block
vs. Temperature
V
T_OFF
V
T_ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com