Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTH10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTH10
Description  SURFACE MOUNT NPN SILICON RF TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTH10_10 Datasheet HTML 1Page - Central Semiconductor Corp CMPTH10_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTH10
SURFACE MOUNT
NPN SILICON
RF TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTH10 type
is an NPN silicon RF transistor manufactured by the
epitaxial planar process, epoxy molded in a surface
mount package, designed for low noise UHF/VHF
amplifier and high output oscillator applications.
MARKING CODE: C3E
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3.0
V
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=25V
100
nA
IEBO
VEB=2.0V
100
nA
BVCBO
IC=100µA
30
V
BVCEO
IC=1.0mA
25
V
BVEBO
IE=10µA
3.0
V
VCE(SAT)
IC=4.0mA, IB=0.4mA
0.50
V
VBE(ON)
VCE=10V, IB=4.0mA
0.95
V
hFE
VCE=10V, IC=4.0mA
60
fT
VCE=10V, IC=4.0mA, f=100MHz
650
MHz
Ccb
VCB=10V, IE=0, f=1.0MHz
0.70
pF
Crb
VCB=10V, IE=0, f=1.0MHz
0.65
pF
rb’Cc
VCB=10V, IC=4.0mA, f=31.8MHz
9.0
ps
R5 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTH10_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTH10 CENTRAL-CMPTH10_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
More results

Similar Description - CMPTH10_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUT5179 CENTRAL-CMUT5179 Datasheet
106Kb / 2P
ULTRAmini. SURFACE MOUNT NPN SILICON RF TRANSISTOR
logo
Leshan Radio Company
MSC3130T1 LRC-MSC3130T1 Datasheet
40Kb / 1P
NPN RF Amplifier Transistor Surface Mount
logo
Central Semiconductor C...
CMPT918 CENTRAL-CMPT918_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPT5179 CENTRAL-CMPT5179_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMUT5179 CENTRAL-CMUT5179_10 Datasheet
348Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPT918 CENTRAL-CMPT918_15 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPT5179 CENTRAL-CMPT5179_15 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPTH10 CENTRAL-CMPTH10_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMUT5179 CENTRAL-CMUT5179_15 Datasheet
348Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com