Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMSD2836 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSD2836
Description  SURFACE MOUNT DUAL SILICON SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSD2836 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSD2836 Datasheet HTML 1Page - Central Semiconductor Corp CMSD2836 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSD2836
CMSD2838
SURFACE MOUNT
DUAL SILICON
SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSD2836 and
CMSD2838 are ultra-high speed silicon switching
diodes manufactured by the epitaxial planar
process, in an epoxy molded SUPERmini™ surface
mount package, designed for high speed switching
applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
75
V
Average Forward Current
IO
200
mA
Peak Forward Current, tp=1.0s
IFM
300
mA
Power Dissipation
PD
275
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
455
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
100
nA
BVR
IR=100μA
75
V
VF
IF=10mA
1.0
V
VF
IF=50mA
1.0
V
VF
IF=100mA
1.2
V
CT
VR=0, f=1.0MHz
1.5
4.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
4.0
ns
The following configurations are available:
CMSD2836 DUAL, COMMOM ANODE
MARKING CODE: A2C
CMSD2838 DUAL, COMMON CATHODE
MARKING CODE: A6C
SOT-323 CASE
R4 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSD2836

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD2836 CENTRAL-CMSD2836 Datasheet
111Kb / 2P
SUPERmini. DUAL SILICON SWITCHING DIODE
CMSD2836 CENTRAL-CMSD2836 Datasheet
537Kb / 2P
SURFACE MOUNT DUAL SILICON SWITCHING DIODES
CMSD2836 CENTRAL-CMSD2836_15 Datasheet
537Kb / 2P
SURFACE MOUNT DUAL SILICON SWITCHING DIODES
More results

Similar Description - CMSD2836

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2836 CENTRAL-CMPD2836 Datasheet
106Kb / 2P
SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004 Datasheet
62Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Silicon Standard Corp.
BAV99 SSC-BAV99 Datasheet
216Kb / 2P
Surface-mount Dual Switching Diodes
logo
Central Semiconductor C...
CMLD2004 CENTRAL-CMLD2004_10 Datasheet
526Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2838 CENTRAL-CMLD2838_10 Datasheet
513Kb / 2P
SURFACE MOUNT DUAL PAIR, SILICON SWITCHING DIODES
CMPD2836 CENTRAL-CMPD2836_10 Datasheet
461Kb / 2P
SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMPD7000 CENTRAL-CMPD7000_10 Datasheet
395Kb / 2P
SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMSD2004S CENTRAL-CMSD2004S_10 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMPD2836 CENTRAL-CMPD2836_15 Datasheet
461Kb / 2P
SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMSD2836 CENTRAL-CMSD2836_15 Datasheet
537Kb / 2P
SURFACE MOUNT DUAL SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com