Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9503 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9503
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9503 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9503 Datasheet HTML 5Page - Microchip Technology MCP9503 Datasheet HTML 6Page - Microchip Technology MCP9503 Datasheet HTML 7Page - Microchip Technology MCP9503 Datasheet HTML 8Page - Microchip Technology MCP9503 Datasheet HTML 9Page - Microchip Technology MCP9503 Datasheet HTML 10Page - Microchip Technology MCP9503 Datasheet HTML 11Page - Microchip Technology MCP9503 Datasheet HTML 12Page - Microchip Technology MCP9503 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2011 Microchip Technology Inc.
DS22268A-page 9
MCP9501/2/3/4
4.1
Application Information
The
MCP9501/2/3/4
temperature
switch
family
integrates a temperature sensor and a comparator
circuit which outputs an alert signal when the factory
set temperature threshold is exceeded. No additional
component is required for device operation, which
provides simplicity to the system designer. The device
output options provide design flexibility for various
applications such as overtemperature protection circuit
or a closed loop temperature control unit. This device
can be interfaced to a closed loop fan controller
network without the need for a microcontroller.
FIGURE 4-3:
Fan Controller Using
MCP9502.
The MCP9501/2/3/4 provide Open-Drain output where
multiple sensors from multiple PCB hot-spots can be
connected to a single processor I/O input with a wired-
OR configuration. The MCP9501 requires an external
pull-up resistor which can be used to level-shift the alert
signal. For example, if the sensors are powered with
5VDD and the controller or processor is powered with
3VDD, the external resistor can be level-shifted by
connecting 3VDD to the pull-up resistor as shown in
Figure 4-4.
FIGURE 4-4:
MCP9501 Wired-OR Output
Configuration with Level-shift.
4.1.1
LAYOUT CONSIDERATION AND
THERMAL CONSIDERATION
This family of sensors measures temperature by
monitoring the voltage level of a thermal diode located
in the die. A low-impedance thermal path between the
die and the PCB is provided by the pins. Therefore, the
sensor effectively monitors PCB temperature. For
efficient performance, it is recommended to layout the
device as close to the heat source as possible.
When connecting an external resistor to the MCP9501/
3, the current through the pull-up resistor must be
considered to prevent self-heat due to power. This can
be determined using Equation 4-1.
EQUATION 4-1:
EFFECT OF
SELF-HEATING
For example, at room temperature, when the output
asserts Active-Low and maximum IDD = 50 µA,
VDD =5.5V, VOL = 0.3V and IOUT = 5 mA (see the
specification table), the self heating due to power
dissipation (TJ - TA) is ~0.4°C.
Output
HYST
5VDD
MCP9502
12V
M
OUT
HYST
5VDD
OUT
HYST
5VDD
I/O
Micro-
controller
MCP9501
85°C
MCP9503
35°C
3VDD
Where:
TJ
=
Junction Temperature
TA
=
Ambient Temperature
θ
JA
=
Package Thermal Resistance
(220.7 °C/W)
VOL
=
Sensor Output Low Voltage
IOUT
=
Output Current
T
J
T
A
–
θ
JA VDD
I
DD
×
V
OL
I
OUT
×
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com