Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F720 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F720
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F720 Datasheet HTML 9Page - Microchip Technology PIC16F720 Datasheet HTML 10Page - Microchip Technology PIC16F720 Datasheet HTML 11Page - Microchip Technology PIC16F720 Datasheet HTML 12Page - Microchip Technology PIC16F720 Datasheet HTML 13Page - Microchip Technology PIC16F720 Datasheet HTML 14Page - Microchip Technology PIC16F720 Datasheet HTML 15Page - Microchip Technology PIC16F720 Datasheet HTML 16Page - Microchip Technology PIC16F720 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 244 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41430B-page 13
PIC16(L)F720/721
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16F720/LF720 has a 13-bit program counter
capable of addressing a 2K x 14 program memory
space (0000h-07FFh), a 4K x 14 program memory
space
for
the
PIC16F721/LF721
(0000h-0FFFh).
Accessing a location above the memory boundaries for
the PIC16F720/LF720 will cause a wrap-around within
the first 2K x 14 program memory space. Accessing a
location above the memory boundaries for the
PIC16F721/LF721 will cause a wrap-around within the
first 4K x 14 program memory space. The Reset vector
is at 0000h and the interrupt vector is at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F720/LF720
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F721/LF721
PC<12:0>
13
0000h
0004H
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL
, RETURN
RETFIE, RETLW
Stack Level 2
0005h
On-chip
Program
Memory
Page 0
07FFh
Wraps to Page 0
Wraps to Page 0
Wraps to Page 0
0800h
0FFFh
1000h
17FFh
1800h
1FFFh
PC<12:0>
13
0000h
0004H
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL
, RETURN
RETFIE, RETLW
Stack Level 2
0005h
On-chip
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
Wraps to Page 0
Wraps to Page 1
1000h
17FFh
1800h
1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com