Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF040B
Description  4 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF040B_11 Datasheet HTML 17Page - Microchip Technology SST25VF040B_11 Datasheet HTML 18Page - Microchip Technology SST25VF040B_11 Datasheet HTML 19Page - Microchip Technology SST25VF040B_11 Datasheet HTML 20Page - Microchip Technology SST25VF040B_11 Datasheet HTML 21Page - Microchip Technology SST25VF040B_11 Datasheet HTML 22Page - Microchip Technology SST25VF040B_11 Datasheet HTML 23Page - Microchip Technology SST25VF040B_11 Datasheet HTML 24Page - Microchip Technology SST25VF040B_11 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
©2011 Silicon Storage Technology, Inc.
S71295-06-000
02/11
21
4 Mbit SPI Serial Flash
SST25VF040B
Data Sheet
A Microchip Technology Company
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the devices as SST25VF040B and manufacturer as SST.
This command is backward compatible to all SST25xFxxxA devices and should be used as default
device identification when multiple versions of SPI Serial Flash devices are used in a design. The
device information can be read from executing an 8-bit command, 90H or ABH, followed by address
bits [A23-A0]. Following the Read-ID instruction, the manufacturer’s ID is located in address 00000H
and the device ID is located in address 00001H. Once the device is in Read-ID mode, the manufac-
turer’s and device ID output data toggles between address 00000H and 00001H until terminated by a
low to high transition on CE#.
Refer to Tables 6 and 7 for device identification data.
Figure 21:Read-ID Sequence
Table 7: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF040B
00001H
8DH
T7.0 1295
1295 RdID.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: The manufacturer s and device ID output stream is continuous until terminated by a low to high transition on CE#.
Device ID = 8DH for SST25VF040B
1. 00H will output the manfacturer s ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com