Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD04 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD04
Description  General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD04 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD04_10 Datasheet HTML 1Page - Central Semiconductor Corp CPD04_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEOMETRY
PROCESS DETAILS
PRINCIPAL DEVICE TYPES
1N645 thru 1N649
CBRHD-02 Series
GROSS DIE PER 4 INCH WAFER
18,000
PROCESS CPD04
General Purpose Rectifier
500mA Glass Passivated Rectifier Chip
Process
GLASS PASSIVATED MESA
Die Size
26 x 26 MILS
Die Thickness
8.5 MILS
Anode Bonding Pad Area
14 x 14 MILS
Top Side Metalization
Ni/Au - 5,000Å/2,000Å
Back Side Metalization
Ni/Au - 5,000Å/2,000Å
www.centr a lsemi.com
R4 (22-March 2010)


Similar Part No. - CPD04_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD04-CBRHD-06 CENTRAL-CPD04-CBRHD-06 Datasheet
516Kb / 4P
General Purpose Rectifier Die 0.5 Amp, 600 Volt
More results

Similar Description - CPD04_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD15 CENTRAL-CPD15 Datasheet
208Kb / 2P
500mA Glass Passivated Rectifier Chip
CPD04 CENTRAL-CPD04 Datasheet
215Kb / 2P
General Purpose Rectifier 500 mA Glass Passivated Rectifier Chip
CPD05 CENTRAL-CPD05 Datasheet
216Kb / 2P
General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06 Datasheet
217Kb / 2P
General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD07 CENTRAL-CPD07 Datasheet
211Kb / 2P
General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
CPD05 CENTRAL-CPD05_10 Datasheet
461Kb / 2P
General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06_10 Datasheet
397Kb / 2P
General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Microdiode Semiconducto...
1N4001SG CHENDA-1N4001SG_V01 Datasheet
615Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
1N4001G CHENDA-1N4001G_V02 Datasheet
667Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com