Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP05 Datasheet(PDF) 6 Page - Protek Devices

Part # CP05
Description  MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CP05 Datasheet(HTML) 6 Page - Protek Devices

  CP05 Datasheet HTML 1Page - Protek Devices CP05 Datasheet HTML 2Page - Protek Devices CP05 Datasheet HTML 3Page - Protek Devices CP05 Datasheet HTML 4Page - Protek Devices CP05 Datasheet HTML 5Page - Protek Devices CP05 Datasheet HTML 6Page - Protek Devices CP05 Datasheet HTML 7Page - Protek Devices CP05 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05133.R10 2/11
Page 6
CP05 - CP24C
SoT-23-6 PACkAGE INFoRMATIoN
oUTLINE DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
2.80
3.05
0.110
0.120
B
1.50
1.75
0.059
0.070
C
0.90
1.30
0.036
0.051
D
0.30
0.40
0.012
0.016
E
0.85
1.05
0.033
0.040
G
0.90
1.45
0.036
0.057
J
0.09
0.20
0.003
0.008
K
2.60
3.00
0.102
0.118
L
0.0
0.15
0.0
0.006
M
0.30
0.60
0.012
0.024
NoTES
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYoUT DIMENSIoNS
DIM
MILLIMETERS
INChES
NoMINAL
NoMINAL
A
0.70
0.028
B
1.90
0.074
C
0.95
0.037
D
2.40
0.094
E
1.00
0.039
NoTES
1. Controlling dimension: inches.
D
E
K
4
5
6
3
2
1
A
G
C
L
B
M
0° - 8°
J
D
C
B
A
E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com