Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP05C Datasheet(PDF) 2 Page - Protek Devices

Part # CP05C
Description  MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CP05C Datasheet(HTML) 2 Page - Protek Devices

  CP05C Datasheet HTML 1Page - Protek Devices CP05C Datasheet HTML 2Page - Protek Devices CP05C Datasheet HTML 3Page - Protek Devices CP05C Datasheet HTML 4Page - Protek Devices CP05C Datasheet HTML 5Page - Protek Devices CP05C Datasheet HTML 6Page - Protek Devices CP05C Datasheet HTML 7Page - Protek Devices CP05C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05133.R10 2/11
Page 2
CP05 - CP24C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Notes 1-3)
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@ 1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@ I
P = 1A
V
C
VoLTS
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
TYPICAL
CAPACITANCE
@0V, 1Mhz
Cj
pF
CP05
QRH
5.0
6.0
9.8
20
70
CP05C
QRL
5.0
6.0
9.8
20
70
CP12
QRI
12.0
13.3
19.0
1
50
CP12C
QRM
12.0
13.3
19.0
1
50
CP15
QRJ
15.0
16.7
24.0
1
30
CP15C
QRN
15.0
16.7
24.0
1
30
CP24
QRK
24.0
26.7
43.0
1
25
CP24C
QRO
24.0
26.7
43.0
1
25
NoTES
1. Part numbers with an additional “C” suffix are bidirectional, i.e., CP05C.
2. Unidirectional Only: For CPxx, test between pin 1 to 2 or 5, 4 to 2 or 5, 6 to 2 or 5, 3 to 2 or 5. For CPxxC, test between 2 to 1, 3, 4, 5, or 6.
3. Bidirectional Only: For CPxxC, test between pin 5 to 1 or 3 or 4 or 6. Electrical characteristics apply in both directions.
4. Unidirectional Only: For CPxx, capacitance measured between pins 1, 3, 4, 6 to 2. For CPxxC, capactiance measured between pins 2 to 1, 3, 4, 5, or 6.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com