Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN6-36 Datasheet(PDF) 2 Page - Protek Devices

Part # DFN6-36
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DFN6-36 Datasheet(HTML) 2 Page - Protek Devices

  DFN6-36 Datasheet HTML 1Page - Protek Devices DFN6-36 Datasheet HTML 2Page - Protek Devices DFN6-36 Datasheet HTML 3Page - Protek Devices DFN6-36 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05319.R0 7/09
www.protekdevices.com
DFN6-36
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
300
Watts
Forward Voltage @ 100mA
V
F
1.3
Volt
Peak Pulse Power (t
p = 1.2/50µs) - See Figure 1
P
PP
200
Watts
Peak Pulse Current - 8/20µs
I
PPmax
6.0
Amps
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 2.0A
V
C
VOLTS
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
J
pF
DFN6-36
D36
45.0
50
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
5.0
35.0
RATED
STANDOFF
VOLTAGE
V
(WM)
VOLTS
33.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com