Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBLC05C Datasheet(PDF) 1 Page - Protek Devices

Part # EBLC05C
Description  ultra LOW CAPACITA NCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EBLC05C Datasheet(HTML) 1 Page - Protek Devices

  EBLC05C Datasheet HTML 1Page - Protek Devices EBLC05C Datasheet HTML 2Page - Protek Devices EBLC05C Datasheet HTML 3Page - Protek Devices EBLC05C Datasheet HTML 4Page - Protek Devices EBLC05C Datasheet HTML 5Page - Protek Devices EBLC05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05334.R1 12/10
Page 1
EBLC05C
uLtRa LOW CaPaCItaNCE tVS aRRaY
DESCRIPtION
The EBLC05C is an ultra low capacitance transient voltage suppressor array, designed to protect applications such as
portable electronics and SMART phones. This device is available in a bidirectional configuration and is rated at 250
Watts for an 8/20µs waveshape.
The EBLC05C meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating frequencies or
faster edge rates, insertion loss and signal integrity are a major concern. This device offers a ultra low capacitance and
low leakage current in a miniature SOD-323 package.
FEatuRES
• IEC Compatibility IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
Exceeds Level 4: Handles 10kV Contact & 25kV Air Discharge
• IEC Compatibility IEC 61000-4-4 (EFT): 40A - 5/50ns
• IEC Compatibility IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Bidirectional Configuration
• Protects One Power or I/O Port
• Low Clamping Voltage
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant
MEChaNICaL ChaRaCtERIStICS
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLICatIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface
SOD-323 PaCkagE
PIN CONFIguRatION
1
2


Similar Part No. - EBLC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EBLC05C PROTEC-EBLC05C_12 Datasheet
602Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
EBLC05C PROTEC-EBLC05C_13 Datasheet
525Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - EBLC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DL0521P PROTEC-DL0521P Datasheet
458Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_10 Datasheet
446Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com