Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYDM064B16 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYDM064B16
Description  1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM064B16 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYDM064B16 Datasheet HTML 5Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 6Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 7Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 8Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 9Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 10Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 11Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 12Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CYDM064B16
CYDM128B16
CYDM256B16
Document #: 001-00217 Rev. *H
Page 9 of 27
Table 4. Input Read Register Operation[12, 15]
SFEN
CE
R/W
OE
UB
LB
ADDR
IO0–IO1
IO2–IO15
Mode
H
L
H
L
L
L
x0000-Max VALID[13] VALID[13] Standard Memory Access
L
L
H
L
X
L
x0000
VALID[14]
X
IRR Read
Table 5. Output Drive Register [16]
SFEN
CE
R/W
OE
UB
LB
ADDR
IO0–IO4
IO5–IO15
Mode
HL
H
X[17]
L[13]
L[13]
x0000-Max VALID[13] VALID[13] Standard Memory Access
L
L
L
X
X
L
x0001
VALID[14]
X
ODR Write[16, 18]
L
L
H
L
X
L
x0001
VALID[14]
X
ODR Read[16]
Notes
12. SFEN = VIL for IRR reads
13. UB or LB = VIL. If LB = VIL, then DQ<7:0> are valid. If UB = VIL then DQ<15:8> are valid.
14. LB must be active (LB = VIL) for these bits to be valid.
15. SFEN active when either CEL = VIL or CER = VIL. It is inactive when CEL = CER = VIH.
16. SFEN = VIL for ODR reads and writes.
17. Output enable must be low (OE = VIL) during reads for valid data to be output.
18. During ODR writes data are also written to the memory.
Table 6. Semaphore Operation Example
Function
IO0–IO15 Left
IO0–IO15 Right
Status
No action
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left Port has semaphore token
Right port writes 0 to semaphore
0
1
No change. Right side has no write access
to semaphore.
Left port writes 1 to semaphore
1
0
Right port obtains semaphore token
Left port writes 0 to semaphore
1
0
No change. Left port has no write access
to semaphore.
Right port writes 1 to semaphore
0
1
Left port obtains semaphore token
Left port writes 1 to semaphore
1
1
Semaphore free
Right port writes 0 to semaphore
1
0
Right port has semaphore token
Right port writes 1 to semaphore
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Left port writes 1 to semaphore
1
1
Semaphore free
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com