Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN07708 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN07708
Description  76.8MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07708 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN07708 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07708 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07708 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN07708
Rev. Date
2009-09-07
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
76.8MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN07708
Typical Performance
Frequency Response
Passband Response
50
60
70
80
90
100
110
-107.4856
-97.4856
-87.4856
-77.4856
-67.4856
-57.4856
-47.4856
-37.4856
-27.4856
-17.4856
-7.4856
Type Performance
Frequency(MHz)
50
60
70
80
90
100
-19.9856
-19.4856
-18.9856
-18.4856
-17.9856
-17.4856
-16.9856
-16.4856
-15.9856
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
60
65
70
75
80
85
90
95
-200
0
200
400
600
800
1000
1200
1400
X: 64.29
Y: 667.7
Type Performance
Frequency(MHz)
X: 76.8
Y: 734.3
X: 89.31
Y: 657.2
60
65
70
75
80
85
90
95
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
X: 64.29
Y: -15.05
Type Performance
Frequency(MHz)
X: 89.31
Y: -15.36
X: 76.8
Y: 4.783
Horizontal: 5MHz/Div
Vertical: 200ns/Div
Horizontal: 5MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com