Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN10708 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN10708
Description  107MHz SAW Filter 24MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN10708 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN10708 Datasheet HTML 1Page - SIPAT Co,Ltd LBN10708 Datasheet HTML 2Page - SIPAT Co,Ltd LBN10708 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN10708
Rev. Date
2009-10-12
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
107MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN10708
Typical Performance
Frequency Response
Passband Response
60
70
80
90
100
110
120
130
140
150
-119.8627
-109.8627
-99.8627
-89.8627
-79.8627
-69.8627
-59.8627
-49.8627
-39.8627
-29.8627
-19.8627
Type Performance
Frequency(MHz)
70
80
90
100
110
120
130
140
-32.3627
-31.8627
-31.3627
-30.8627
-30.3627
-29.8627
-29.3627
-28.8627
-28.3627
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12MHz)
Phase Linearity(f0±12MHz)
90
95
100
105
110
115
120
125
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
X: 107
Y: 3742
Type Performance
Frequency(MHz)
X: 95
Y: 3745
X: 119
Y: 3674
90
95
100
105
110
115
120
125
-100
-80
-60
-40
-20
0
20
40
60
80
X: 119
Y: 9.001
Type Performance
Frequency(MHz)
X: 95
Y: 5.174
X: 107
Y: -2.172
Horizontal: 5MHz/Div
Vertical: 100ns/Div
Horizontal: 5MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com