Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD-4M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSD-4M
Description  SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 600 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSD-4M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSD-4M Datasheet HTML 1Page - Central Semiconductor Corp CSD-4M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSD-4M
CSD-4N
SURFACE MOUNT
SILICON CONTROLLED RECTIFIER
4 AMP, 600 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSD-4M series
type is an Epoxy Molded Silicon Controlled Rectifier
designed for sensing circuit applications and control
systems.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CSD-4M
CSD-4N UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
600
800
V
RMS On-State Current (TC=85°C)
IT(RMS)
4.0
A
Peak One Cycle Surge Current, t=10ms
ITSM
30
A
I2t Value for Fusing, t=10ms
I2t
4.5
A2s
Peak Gate Power, tp=20μs
PGM
3.0
W
Average Gate Power Dissipation
PG(AV)
0.2
W
Peak Gate Current, tp=20μs
IGM
1.2
A
Critical Rate of Rise of On-State Current
di/dt
50
A/μs
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
10
μA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ, TC=125°C
200
μA
IGT
VD=12V, RL=10Ω
20
38
200
μA
IH
IT=50mA, RGK=1KΩ
0.25
2.0
mA
VGT
VD=12V, RL=10Ω
0.55
0.8
V
VTM
ITM=8.0A, tp=380μs
1.6
1.8
V
dv/dt
VD=2/3 VDRM, RGK=1KΩ, TC=125°C
10
V/μs
DPAK THYRISTOR CASE
R1 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CSD-4M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSD-4M CENTRAL-CSD-4M Datasheet
74Kb / 2P
4.0 AMP SCR 600 THRU 800 VOLTS
CSD-4M CENTRAL-CSD-4M Datasheet
501Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
More results

Similar Description - CSD-4M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSDD-25M CENTRAL-CSDD-25M Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CS92-2M CENTRAL-CS92-2M Datasheet
73Kb / 2P
SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS
CS220-35M CENTRAL-CS220-35M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CSD-8M CENTRAL-CSD-8M_10 Datasheet
475Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 8 AMP, 600 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 8 AMP, 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CSDD-16M CENTRAL-CSDD-16M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 16 AMP, 600 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com