Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7972VB Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7972VB
Description  CMOS Operational Amplifier with Programmable Offset Correction Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7972VB Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7972VB Datasheet HTML 1Page - Sanyo Semicon Device LC7972VB Datasheet HTML 2Page - Sanyo Semicon Device LC7972VB Datasheet HTML 3Page - Sanyo Semicon Device LC7972VB Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pin Assignment
No. 5682-2/4
LC7972VA, 7972VB
Pin Functions
Pin
Function
No.
Symbol
1
DVDD
Digital system power supply. Normally connected to +5 V.
2
EXT
Must be tied low.
3
CLKC
Must be tied low.
4
OP2ON
Operational amplifier 2 operation control
5
OFST2
Operational amplifier 2 mode control
6
OP1ON
Operational amplifier 1 operation control
7
OFST1
Operational amplifier 1 mode control
8
TGO
Operational amplifier 1 VSS/small voltage output
9
OP1I
Operational amplifier 1 input
10
OP1O
Operational amplifier 1 output
11
OP2O
Operational amplifier 2 output
12
OP2I
Operational amplifier 2 input
13
TGI
Small voltage input common to operational amplifiers 1 and 2
14
AVSSM
Operational amplifier power supply minus voltage generation
15
AVDD
Analog system power supply. Normally connected to +5 V.
16
AVSSP
Operational amplifier power supply external Zener diode connection
17
AVSS
Analog system ground. Must be connected to 0 V.
18
CUP2
Operational amplifier power supply external capacitor connection 2
19
CUP1
Operational amplifier power supply external capacitor connection 1
20
DVSS
Digital system ground. Must be connected to 0 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com