Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL05 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSL05
Description  SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSL05 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSL05 Datasheet HTML 1Page - Central Semiconductor Corp CSL05 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSL05
CSL05D
SURFACE MOUNT
ULTRA LOW CAPACITANCE SILICON
TRANSIENT VOLTAGE SUPPRESSORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSL05 (Single)
and CSL05D (Dual) types are ultra low capacitance
transient voltage suppressors packaged in the
SOT-23 surface mount package. These devices
provide excellent protection from spurious voltage
transients. The very low capacitance reduces insertion
loss to minimizes the affect on the data line
through-put. Typical applications include: mobile
phones, digital cameras, USB ports, MP3 players,
and Ethernet port protection.
MARKING CODES: CSL05 (Single):CL05
CSL05D (Dual): CL5D
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Pulse Power, tp=8x20µs
PPK
400
W
Peak Pulse Current, tp=8x20µs
IPP
17
A
ESD Voltage (HBM)
VESD
>25
kV
Operating Junction Temperature
TJ
-50 to +125
°C
Storage Temperature
Tstg
-50 to +150
°C
ELECTRICAL CHARACTERISTICS PER TVS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VRWM=5.0V
5.0
µA
BVR
It=1.0mA
6.0
V
VC
IPP=1.0A, tp=8x20µs
9.5
V
VC
IPP=5.0A, tp=8x20µs
12
V
CJ
VR=0, f=1.0MHz
1.2
pF
R1 (17-February 2010)
www.centra lsemi.com


Similar Part No. - CSL05

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
CSL05D CENTRAL-CSL05D Datasheet
83Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - CSL05

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
logo
Frontier Electronics.
LCP6KE6.8 FRONTIER-LCP6KE6.8 Datasheet
123Kb / 2P
LOW CAPACITANCE 600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
CMATVS3V3 CENTRAL-CMATVS3V3 Datasheet
725Kb / 4P
SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
CM1250-04QF ONSEMI-CM1250-04QF Datasheet
102Kb / 4P
Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 3
CM1248-04QG ONSEMI-CM1248-04QG_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1248-08DE ONSEMI-CM1248-08DE_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
logo
SeCoS Halbleitertechnol...
SBESD0801S-12 SECOS-SBESD0801S-12 Datasheet
266Kb / 2P
20W, 12V Ultra Low Capacitance Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SACA5.0 LEIDITECH-SACA5.0 Datasheet
624Kb / 3P
Low Capacitance Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com