Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82M75R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Pin Description
The following table only includes the pins which are directly related to the MCU. The pin descriptions of the additional
peripheral functions are located at the corresponding section of the datasheet along with the relevant peripheral func-
tion functional description.
Pin Name
I/O
Options
Description
PA0~PA1
PA2/TMR
PA3~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each pin can be configured as a
wake-up input (both falling and rising edge) by a configuration option. Soft-
ware instructions determine if the pin is a CMOS output or Schmitt Trigger
input. Configuration options determine if the pins have pull-high resistors.
PA2 is shared with the external timer input pin TMR.
PB0/SCS
PB1~PB7
I/O
Pull-high or
Wake-up
CMOS/NMO
S
Bidirectional 8-bit input/output port. Each pin can be configured as a
wake-up input (both falling and rising edge) by a configuration option. Soft-
ware instructions determine if the pin is a CMOS output or Schmitt Trigger
input. Configuration options determine if the pins have pull-high resistors.
Also a configuration option determines if the PB0 is a CMOS output type or
NMOS output type. PB0 is shared with SCS of the SPI interface.
PC0~PC1
PC2/INT
PC3~PC4
PC5/SDI
PC6/SDO
PC7/SCK
I/O
Pull-high or
Wake-up
CMOS/NMO
S
Bidirectional 8-bit input/output port. Each pin can be configured as a
wake-up input (both falling and rising edge) by a configuration option. Soft-
ware instructions determine if the pin is a CMOS output or Schmitt Trigger
input. Configuration options determine if the pins have pull-high resistors.
Also a configuration option determines if the PC pins are CMOS output type
or NMOS output type. The INT is shared with PC2, PC5~PC7 are shared
with the SPI interface.
PD0~PD7
(HT82K75R only)
I/O
Pull-high or
Wake-up
Bidirectional 8-bit input/output port. Each nibble can be configured as
wake-up inputs (both falling and rising edge) by a configuration option. Soft-
ware instructions determine if the pin is a CMOS output or Schmitt Trigger
input. Configuration options determine if the pins have pull-high resistors.
PE0~PE7
(HT82K75R only)
I/O
Pull-high or
Wake-up
Bidirectional 8-bit input/output port. Each nibble can be configured as
wake-up inputs (both falling and rising edge) by a configuration option. Soft-
ware instructions determine if the pin is a CMOS output or Schmitt Trigger
input. Configuration options determine if the pins have pull-high resistors.
VSS
¾¾
Negative power supply, ground
RES
I
¾
Schmitt Trigger reset input. Active low
VDD
¾¾
Positive power supply
BAT_IN
I
¾
Battery input
LX
I
¾
DC/DC LX switch
VSSLX
I
¾
DC/DC ground
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
4
November 24, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com