Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 4816 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
5V
On-chip RC oscillator
24
32
40
kHz
fSYS2
System Clock
¾
External clock source
¾
32
¾
kHz
fLCD1
LCD Frame Frequency
5V
On-chip RC oscillator
48
64
80
Hz
fLCD2
LCD Frame Frequency
¾
External clock source
¾
64
¾
Hz
tCOM
LCD Common Period
¾
n: Number of COM
¾
n/fLCD
¾
sec
fCLK1
Serial Data Clock (WR Pin)
3V
Duty cycle 50%
4
¾
150
kHz
5V
4
¾
300
kHz
fCLK2
Serial Data Clock (RD Pin)
3V
Duty cycle 50%
¾¾
75
kHz
5V
¾¾
150
kHz
tCS
Serial Interface Reset Pulse Width
(Figure 3)
¾
CS
500
600
¾
ns
tCLK
WR,RD Input Pulse Width
(Figure 1)
3V
Write mode
3.34
¾
125
ms
Read mode
6.67
¾¾
5V
Write mode
1.67
¾
125
ms
Read mode
3.34
¾¾
tr,tf
Rise or Fall Time Serial Data Clock
Width (Figure 1)
¾¾
¾
120
160
ns
tsu
Setup Time for DATA to WR,RD
Clock Width (Figure 2)
¾¾
60
120
¾
ns
tsu1
Setup Time for CS to WR,RD
Clock Width (Figure 3)
¾¾
500
600
¾
ns
th
Hold Time for DATA to WR,RD
Clock Width (Figure 2)
¾¾
500
600
¾
ns
th1
Hold Time for CS to WR,RD Clock
Width (Figure 3)
¾¾
50
100
¾
ns
fTONE
Tone Frequency (2kHz)
5V
On-chip RC oscillator
1.5
2.0
2.5
kHz
Tone Frequency (4kHz)
3.0
4.0
5.0
kHz
tOFF
VDD OFF Times (Figure 4)
¾
VDD drop down to 0V
20
¾¾
ms
tSR
VDD Rising Slew Rate (Figure 4)
¾¾
0.05
¾¾
V/ms
tRSTD
Delay Time after Reset (Figure 4)
¾¾
1
¾¾
ms
Note:
1. If the conditions of Power-on Reset timing are not satisfied in power On/Off sequence, the internal
Power-on Reset (POR) circuit will not operate normally.
2. If the VDD drops below the minimum voltage of operating voltage spec. during operating, the conditions
of Power-on Reset timing must be satisfied also. That is, the VDD must drop to 0V and keep at 0V for
20ms (min.) before rising to the normal operating voltage.
HT1626
Rev. 1.60
7
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com