Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H30C Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # H30C
Description  830MHz SAW Filter 12MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

H30C Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  H30C Datasheet HTML 1Page - SIPAT Co,Ltd H30C Datasheet HTML 2Page - SIPAT Co,Ltd H30C Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT83003
Rev. Date
2010-07-05
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
830MHz SAW Filter
12MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83003
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
830
-
Insertion Loss(f0±6MHz)
dB
-
1.8
2.5
1dB Bandwidth
MHz
12
21.98
-
Passband Variation(f0±6MHz)
dB
-
0.7
1
10~800MHz
dB
25
36
-
800~805MHz
dB
35
42
-
855~1050MHz
dB
35
39
-
Ultimate Rejection
1050~2600MHz
dB
20
32
-
Material Temperature coefficient
KHz/°C
-26.56
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - H30C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H30 MCC-H30 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H30-1 MCC-H30-1 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H30-2 MCC-H30-2 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H30-3 MCC-H30-3 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
logo
Texas Instruments
H30-Q1 TI1-H30-Q1 Datasheet
839Kb / 18P
NANOPOWER SUPERVIDORY CIRCUITS
More results

Similar Description - H30C

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A45 SIPAT-LBN70A45 Datasheet
189Kb / 3P
70MHz SAW Filter 12MHz Bandwidth
LBN140A03 SIPAT-LBN140A03 Datasheet
148Kb / 3P
140MHz SAW Filter 12MHz Bandwidth
LBS83004 SIPAT-LBS83004 Datasheet
143Kb / 3P
830MHz SAW Filter 10MHz Bandwidth
LBS83006 SIPAT-LBS83006 Datasheet
782Kb / 3P
830MHz SAW Filter 10MHz Bandwidth
LBT83005 SIPAT-LBT83005 Datasheet
170Kb / 3P
830MHz SAW Filter 20MHz Bandwidth
LBS83004 SIPAT-LBS83004 Datasheet
143Kb / 3P
830MHz SAW Filter 10MHz Bandwidth
LBS83006 SIPAT-LBS83006 Datasheet
782Kb / 3P
830MHz SAW Filter 10MHz Bandwidth
LBS83008 SIPAT-LBS83008 Datasheet
258Kb / 3P
830MHz SAW Filter 10.8MHz Bandwidth
LBT83003 SIPAT-LBT83003 Datasheet
185Kb / 3P
830MHz SAW Filter 12MHz Bandwidth
LBT83005 SIPAT-LBT83005 Datasheet
170Kb / 3P
830MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com