Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H75C Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # H75C
Description  875MHz SAW Filter 12MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

H75C Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  H75C Datasheet HTML 1Page - SIPAT Co,Ltd H75C Datasheet HTML 2Page - SIPAT Co,Ltd H75C Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT87503
Rev. Date
2010-07-05
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
875MHz SAW Filter
12MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT87503
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
875
-
Insertion Loss(f0±6MHz)
dB
-
1.7
2.5
1dB Bandwidth
MHz
12
21.55
-
Passband Variation(f0±6MHz)
dB
-
0.5
1
10~800MHz
dB
25
37
-
800~850MHz
dB
30
32
-
900~1119MHz
dB
35
39
-
Ultimate Rejection
1119~2600MHz
dB
20
33
-
Material Temperature coefficient
KHz/°C
-28
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - H75C

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
H75-12S12 INTRONICS-H75-12S12 Datasheet
239Kb / 1P
DC/DC MODULES
H75-12S15 INTRONICS-H75-12S15 Datasheet
239Kb / 1P
DC/DC MODULES
H75-12S2.5 INTRONICS-H75-12S2.5 Datasheet
239Kb / 1P
DC/DC MODULES
H75-12S24 INTRONICS-H75-12S24 Datasheet
239Kb / 1P
DC/DC MODULES
H75-12S3.3 INTRONICS-H75-12S3.3 Datasheet
239Kb / 1P
DC/DC MODULES
More results

Similar Description - H75C

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A36 SIPAT-LBN70A36 Datasheet
138Kb / 3P
70MHz SAW Filter 12MHz Bandwidth
LBN70A45 SIPAT-LBN70A45 Datasheet
189Kb / 3P
70MHz SAW Filter 12MHz Bandwidth
LBN140A03 SIPAT-LBN140A03 Datasheet
148Kb / 3P
140MHz SAW Filter 12MHz Bandwidth
LBN07905 SIPAT-LBN07905 Datasheet
187Kb / 3P
78.75MHz SAW Filter 12MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
115MHz SAW Filter 12MHz Bandwidth
LBS87504 SIPAT-LBS87504 Datasheet
817Kb / 3P
875MHz SAW Filter 10MHz Bandwidth
LBT87505 SIPAT-LBT87505 Datasheet
173Kb / 3P
875MHz SAW Filter 20MHz Bandwidth
LBS87504 SIPAT-LBS87504 Datasheet
817Kb / 3P
875MHz SAW Filter 10MHz Bandwidth
LBT87503 SIPAT-LBT87503 Datasheet
187Kb / 3P
875MHz SAW Filter 12MHz Bandwidth
LBT87505 SIPAT-LBT87505 Datasheet
173Kb / 3P
875MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com