Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

92001 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 92001
Description  920MHz SAW Filter 10MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

92001 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  92001 Datasheet HTML 1Page - SIPAT Co,Ltd 92001 Datasheet HTML 2Page - SIPAT Co,Ltd 92001 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT92001
Rev. Date
2008-07-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
920MHz SAW Filter
10MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT92001
Typical Performance
Frequency Respond
Passband Respond
870
880
890
900
910
920
930
940
950
960
970
-81.6674
-71.6674
-61.6674
-51.6674
-41.6674
-31.6674
-21.6674
-11.6674
-1.6674
8.3326
Type Performance
Frequency(MHz)
900
905
910
915
920
925
930
935
940
-4.1674
-3.6674
-3.1674
-2.6674
-2.1674
-1.6674
-1.1674
-0.6674
-0.1674
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±5MHz)
Phase Linearity(f0±5MHz)
910
912
914
916
918
920
922
924
926
928
930
-200
-150
-100
-50
0
50
100
150
200
X: 920
Y: 51.38
Type Performance
Frequency(MHz)
X: 925
Y: 49.49
X: 915
Y: 84.31
910
912
914
916
918
920
922
924
926
928
930
-100
-80
-60
-40
-20
0
20
40
60
80
X: 915
Y: 5.37
Type Performance
Frequency(MHz)
X: 925
Y: 5.854
X: 920
Y: -4.91
Horizontal: 2MHz/Div
Vertical: 50ns/Div
Horizontal: 2MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com