Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16562 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT16562
Description  1/2 Duty VFD Digital Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16562 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT16562 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Assignment
Note:
²*² col indicates a blink colon and col¢ indicates a continuous light colon.
Pin Description
Pin Name
I/O
Description
VCC
¾ High voltage power supply pin.
VDD
O
Built-in regulator voltage output pin for the device internal circuits.
VSS
¾ Ground pin.
DIM1
I
Illumination level control pins.
Internally connected to pull-down resistors.
DIM2
I
A/C
I
When the A/C pin is low, the internal circuits are reset.
The reset pulse width should be more than 2
ms.
Internally connected to a pull-high resistor.
ZA
I
Zero Adjustment pin.
Internally connected to a pull-high resistor.
HS
I
Hour Adjustment pin.
Internally connected to a pull-high resistor.
MS
I
Minute Adjustment pin.
Internally connected to a pull-high resistor.
BLANK
I
When low the Blank input pin will extinguish the display.
Internally connected to a pull-down resistor.
XT
O
Crystal oscillator pin
XT
I
TEST
I
IC test pin - should be left open or kept at a low level
64Hz
O
64Hz signal output pin for oscillation frequency adjustment
GR1
O
Grid output pins for 1/2 duty VFD
GR2
O
1a,3a ~
2b,4b,4c
O
Segment output pins for 1/2 duty VFD
HT16562
Rev. 1.20
2
December 17, 2010
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 7
1 8
1 9
2 0
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
1 6
H T 1 6 5 6 2
3 0 S S O P - A
G R 2
V C C
V D D
6 4 H z
T E S T
B L A N K
D I M 1
D I M 2
X T
X T
V S S
A / C
Z A
H S
M S
G R 1
2 a , 2 d
2 b , 4 b , 4 c
2 f
2 c , c o l *
2 c , c o l ' *
2 e
2 g
1 d , 3 d
1 e , 3 e
1 c , 3 c
1 g , 3 g
1 f , 3 f
1 b , 3 b
1 a , 3 a
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 7
1 8
1 9
2 0
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
1 6
H T 1 6 5 6 2 B
3 0 S S O P - B
G R 2
V C C
V D D
6 4 H z
T E S T
B L A N K
D I M 1
D I M 2
X T
X T
V S S
A / C
Z A
H S
M S
G R 1
2 a , 2 d
2 b , 4 b , 4 c
2 f
2 c , c o l *
2 c , c o l ' *
2 e
2 g
1 d , 3 d
1 e , 3 e
1 c , 3 c
1 g , 3 g
1 f , 3 f
1 b , 3 b
1 a , 3 a



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com