Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F03 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT66F03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 147 page
background image
Watchdog Timer ................................................................................44
Watchdog Timer Clock Source .............................................................................44
Watchdog Timer Control Register.........................................................................44
Watchdog Timer Operation...................................................................................45
Reset and Initialisation .....................................................................46
Reset Functions ...................................................................................................46
Reset Initial Conditions .........................................................................................47
Input/Output Ports.............................................................................54
Pull-high Resistors................................................................................................54
Port A Wake-up ....................................................................................................54
I/O Port Control Register ......................................................................................55
Pin-remapping Functions......................................................................................55
Pin-remapping Registers ......................................................................................55
I/O Pin Structures .................................................................................................56
Programming Considerations ...............................................................................56
Timer Modules - TM...........................................................................58
Introduction ..........................................................................................................58
TM Operation .......................................................................................................59
TM Clock Source..................................................................................................59
TM Interrupts ........................................................................................................59
TM External Pins ..................................................................................................59
Programming Considerations ...............................................................................60
Compact Type TM
- CTM..................................................................61
Compact TM Operation ........................................................................................61
Compact Type TM Register Description ...............................................................61
Compact Type TM Operating Modes ....................................................................65
Compare Match Output Mode ..............................................................................65
Timer/Counter Mode.............................................................................................65
PWM Output Mode...............................................................................................68
Standard Type TM
- STM..................................................................70
Standard TM Operation ........................................................................................70
Standard Type TM Register Description ...............................................................70
Standard Type TM Operating Modes....................................................................76
Compare Output Mode .........................................................................................76
Timer/Counter Mode.............................................................................................77
PWM Output Mode...............................................................................................77
Single Pulse Mode ...............................................................................................79
Capture Input Mode..............................................................................................81
Contents
Rev. 1.30
4
February 17, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com