Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201803 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 201803
Description  2017.5MHz SAW Filter 15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

201803 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  201803 Datasheet HTML 1Page - SIPAT Co,Ltd 201803 Datasheet HTML 2Page - SIPAT Co,Ltd 201803 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT201803
Rev. Date
2009-01-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
2017.5MHz SAW Filter
15MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT201803
Typical Performance
Frequency Response
Passband Response
1900
1950
2000
2050
2100
-92.8855
-82.8855
-72.8855
-62.8855
-52.8855
-42.8855
-32.8855
-22.8855
-12.8855
-2.8855
7.1145
Type Performance
Frequency(MHz)
1970
1980
1990
2000
2010
2020
2030
2040
2050
2060
-5.3855
-4.8855
-4.3855
-3.8855
-3.3855
-2.8855
-2.3855
-1.8855
-1.3855
Type Performance
Frequency(MHz)
Horizontal: 50MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±7.5MHz)
Phase Linearity(f0±7.5MHz)
2000
2005
2010
2015
2020
2025
2030
2035
-10
-5
0
5
10
15
20
25
30
35
40
45
X: 2010
Y: 23.12
Type Performance
Frequency(MHz)
X: 2025
Y: 20.59
2000
2005
2010
2015
2020
2025
2030
2035
-25
-20
-15
-10
-5
0
5
10
15
20
X: 2010
Y: 0.7423
Type Performance
Frequency(MHz)
X: 2025
Y: 0.4195
Horizontal: 5MHz/Div
Vertical: 5ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com