Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZT853 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZT853
Description  SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT853 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZT853_10 Datasheet HTML 1Page - Central Semiconductor Corp CZT853_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT853
SURFACE MOUNT
HIGH CURRENT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT853 type is
a high current NPN silicon transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for high voltage and high
current amplifier applications.
MARKING: FULL PART NUMBER
PNP Complement: CZT953
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
6.0
A
Power Dissipation (Note 1)
PD
3.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
41.7
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=150V
10
nA
ICBO
VCB=150V, TA=100°C
1.0
μA
ICER
VCE=150V, RBE≤1.0kΩ
10
nA
IEBO
VEB=6.0V
10
nA
BVCBO
IC=100μA
200
220
V
BVCER
IC=10mA, RBE≤1.0kΩ
200
210
V
BVCEO
IC=10mA
100
110
V
BVEBO
IE=100μA
6.0
8.0
V
VCE(SAT)
IC=100mA, IB=5.0mA
22
50
mV
VCE(SAT)
IC=2.0A, IB=100mA
135
170
mV
VCE(SAT)
IC=5.0A, IB=500mA
340
mV
VBE(SAT)
IC=5.0A, IB=500mA
1.25
V
hFE
VCE=2.0V, IC=10mA
100
hFE
VCE=2.0V, IC=2.0A
100
200
300
hFE
VCE=2.0V, IC=4.0A
50
100
hFE
VCE=2.0V, IC=10A
20
30
fT
VCE=10V, IC=100mA, f=50MHz
190
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
38
pF
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 4in2 (minimum)
R2 (1-March 2010)
www.centra lsemi.com


Similar Part No. - CZT853_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results

Similar Description - CZT853_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC Datasheet
121Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com