Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F20 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 75Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.50
79
March 15, 2011
Timer Modules
- TM
One of the most fundamental functions in any
microcontroller device is the ability to control and mea-
sure time. To implement time related functions each de-
vice includes several Timer Modules, abbreviated to the
name TM. The TMs are multi-purpose timing units and
serve to provide operations such as Timer/Counter, In-
put Capture, Compare Match Output and Single Pulse
Output as well as being the functional unit for the gener-
ation of PWM signals. Each of the TMs has either two or
three individual interrupts. The addition of input and out-
put pins for each TM ensures that users are provided
with timing units with a wide and flexible range of fea-
tures.
The common features of the different TM types are de-
scribed here with more detailed information provided in
the individual Compact, Standard and Enhanced TM
sections.
Introduction
The devices contain from two to four TMs depending
upon which device is selected with each TM having a
reference name of TM0, TM1, TM2 and TM3. Each indi-
vidual TM can be categorised as a certain type, namely
Compact Type TM, Standard Type TM or Enhanced
Type TM. Although similar in nature, the different TM
types vary in their feature complexity. The common fea-
tures to all of the Compact, Standard and Enhanced
TMs will be described in this section, the detailed opera-
tion regarding each of the TM types will be described in
separate sections. The main features and differences
between the three types of TMs are summarised in the
accompanying table.
Function
CTM
STM
ETM
Timer/Counter
ÖÖÖ
I/P Capture
¾Ö
Ö
Compare Match Output
ÖÖÖ
PWM Channels
1
1
2
Single Pulse Output
¾
12
PWM Alignment
Edge
Edge
Edge & Centre
PWM Adjustment Period & Duty
Duty or Period
Duty or Period
Duty or Period
TM Function Summary
Each device in the series contains a specific number of either Compact Type, Standard Type and Enhanced Type TM
units which are shown in the table together with their individual reference name, TM0~TM3.
Device
TM0
TM1
TM2
TM3
HT68F20
10-bit CTM
10-bit STM
¾¾
HT68F30
10-bit CTM
10-bit ETM
¾¾
HT68F40
10-bit CTM
10-bit ETM
16-bit STM
¾
HT68F50
10-bit CTM
10-bit ETM
16-bit STM
10-bit CTM
HT68F60
10-bit CTM
10-bit ETM
16-bit STM
10-bit CTM
TM Name/Type Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com