Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2095-R-T-B-A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # T2095-R-T-B-A
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

T2095-R-T-B-A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  T2095-R-T-B-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. T2095-R-T-B-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. T2095-R-T-B-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. T2095-R-T-B-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. T2095-R-T-B-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
T2095
版本:
200910E
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到环境的热阻
TO-92
Thermal Resistance Junction Case TO-92
Rth(j-a)
-
125
/W
Parameter
Symbol
Value
Unit
集电极
—发射极直流电压
Collector- Emitter Voltage(VBE=0) VCES
700
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
450
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
12
V
最大集电极直流电流
Collector Current(DC)
IC
0.8
A
最大集电极脉冲电流
Collector Current(pulse)
ICP
1.6
A
最大集电极耗散功率
Total Dissipation (TO-92)
PC
1
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CEO
Ic=10mA,IB=0
450
500
-
V
V(BR)CBO
Ic=1mA,IB=0
700
800
-
V
V(BR)EBO
IE=1mA,Ic=0
12
15
-
V
ICBO
VCB=700V, IE=0
-
-
5
μA
ICEO
VCE=450V,IB=0
-
-
10
mA
IEBO
VEB=10V, IC=0
-
-
5
μA
VCE=10V, IC=5mA
13
-
-
-
VCE=10V, IC=130mA
20
25
40
-
hFE
VCE=10V, IC=500mA
8
12
-
-
VCE(sat)
IC=0.35A, IB=50mA
-
0.4
0.8
V
VBE(sat)
IC=0.6A, IB=50mA
-
1.0
1.4
V
tr
-
-
1.0
μS
tf
-
-
0.7
μS
ts
VCC=125V IC=0.1A,IB1=-IB2=0.02A
-
-
5
μS
fT
VCE=10V, Ic=0.1A
4
-
-
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com