Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5017 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # D5017
Description  CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5017 FOR LOW FREQUENCY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

D5017 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  D5017 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5017 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5017 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5017 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5017 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. D5017 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:200911E
1/6
低频放大管壳额定的双极型晶体管
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5017 FOR LOW FREQUENCY
3DD5017
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
器件重量
Device
Weight
3DD5017-O-A-N-D
D5017
否
NO
TO-3P(H)IS
泡沫
Foam
5.50 g(typ)
主要参数
MAIN CHARACTERISTICS
BV
CBO
1200
V
I
C
12
A
V
CE(sat)
0.5
V(max)
t
f
0.3
μs(max)
封装 Package
等效电路 EQUIVALENT CIRCUIT
用途
彩色电视机开关电源
电路
产品特性
3DD5017 是 NPN 双极型
高反压大功率晶体管。制
造中采用的主要工艺技
术有:高压台面工艺技
术、三重扩散技术等,采
用塑料全包封结构。环保
(RoHS)产品。
FEATURES
3DD5017 is high breakdown
voltage of NPN bipolar transistor.
The main process of manufacture:
high voltage mesa type process,
triple diffused process etc.,
adoption of fully plastic packge.
RoHS product.
TO-3P(H)IS
订货信息 ORDER MESSAGE
印记说明
MARKING
1
2
3
商标 Trademark
型号 Part No.
年月 Year month
举例
For example
“
8”-2008,“10”10 月 october
APPLICATIONS
Switching power supply
for color TV.


Similar Part No. - D5017

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
D5017 SAMSUNG-D5017 Datasheet
172Kb / 5P
NPN (COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
Inchange Semiconductor ...
D5017 ISC-D5017 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
logo
Seme LAB
D5017UK SEME-LAB-D5017UK Datasheet
83Kb / 5P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
More results

Similar Description - D5017

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD1555 JSMC-3DD1555 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD1555 FOR LOW FREQUENCY
3DD2101 JSMC-3DD2101 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2101 FOR LOW FREQUENCY
3DD2102 JSMC-3DD2102 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2102 FOR LOW FREQUENCY
3DD2103 JSMC-3DD2103 Datasheet
152Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2103 FOR LOW FREQUENCY
3DD2109 JSMC-3DD2109 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2109 FOR LOW FREQUENCY
3DD5031 JSMC-3DD5031 Datasheet
190Kb / 7P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5031 FOR LOW FREQUENCY
3DD5036 JSMC-3DD5036 Datasheet
151Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5036 FOR LOW FREQUENCY
3DD5039 JSMC-3DD5039 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5039 FOR LOW FREQUENCY
3DD5287 JSMC-3DD5287 Datasheet
150Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287 FOR LOW FREQUENCY
3DD5287C JSMC-3DD5287C Datasheet
149Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5287C FOR LOW FREQUENCY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com