Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD5023 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SD5023
Description  CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5023 FOR LOW FREQUENCY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SD5023 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SD5023 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SD5023 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SD5023 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SD5023 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SD5023 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SD5023 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
3DD5023
版本:200911E
2/6
绝对最大额定值
ABSOLUTE RATINGS (Tc=25
)
℃
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
集电极—基极直流电压
Collector−Base Voltage
BVCBO
1500
V
集电极—发射极直流电压
Collector−Emitter Voltage
BVCEO
600
V
发射极—基极直流电压
Emitter−Base Voltage
BVEBO
6
V
直流
DC
IC
6
最大集电极电流
Collector Current
脉冲
Pulse
ICP
12
A
最大基极直流电流
Base Current
IB
3
A
最大集电极耗散功率
Collector Power Dissipation
PC
35
W
最高结温
Max. Junction Temperature
Tj
150
℃
储存温度
Storage Temperature Range
TSTG
-55~+150
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25 )
℃
项
目
Parameter
测试条件
Tests conditions
最小值
Min
最大值
Max
单位
Unit
V(BR)CBO
IC=1mA,IE=0
1500
V
V(BR)EBO
IE=400mA,IC=0
6
V
ICBO
VCB=1500V, IE=0
1
mA
IEBO
VEB=4V, IC=0
40
150
mA
VCE = 5 V, IC = 1 A
10
30
HFE
VCE = 5 V, IC = 4 A
5
VCE(sat)
IC=3A, IB=0.6A
5
V
VBE(sat)
IC=3A, IB=0.6A
1.5
V
-VF
IF=5A
2
V
tf
1
µs
ts
IC=4A,2IB1=-IB2=1.6A
fH=15.75kHz
9
µs
ft
VCE=10V, IC=0.1A
1
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com