Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD13003A-R-Z-N-B Datasheet(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD13003A-R-Z-N-B
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD13003A-R-Z-N-B Datasheet(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD13003A-R-Z-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
R
3DD13003A
版本:
201102H
7/7
附录(Appendix):修订记录(Revision History)
日期
Date
旧版本
Last Rev.
新版本
New Rev.
修订内容
Description of Changes
通知客户
Notify Customer
2009-10-27 200904D
200910E
订货代码,电话号码
2010-1-27
200910E
201001F
印记由
D13003A 改为 13003A(目前
为
13003A)
(√)Y
()N
2010-12-9
201001F
201012G
取消
TO-126F 封装形式
()Y
(√)N
2011-2-23
201012G
201102H
增加
TO-126F 封装形式
(√)Y
()N
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街
99 号
邮编:
132013
总机:
86-432-64678411
传真:
86-432-64665812
网址:
www.hwdz.com.cn
市场营销部
地址:吉林省吉林市深圳街
99 号
邮编:
132013
电话:
86-432-64675588
64675688
64678411-3098/3099
传真
: 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn
MARKET DEPARTMENT
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:
86-432-64675588
64675688
64678411-3098/3099
Fax: 86-432-64671533



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com