Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13005ED Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 13005ED
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

13005ED Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  13005ED Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13005ED Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
R
版本:201103E
1/13
NPN 型高压功率开关晶体管
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13005ED
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
3DD13005ED-O-HF-N-B
13005ED
否
NO
TO-220HF
条管
Tube
3DD13005ED-O-M-N-C
13005ED
否
NO
TO-126
袋装
Bag
3DD13005ED-O-MS-N-C
13005ED
否
NO
TO-126S
袋装
Bag
3DD13005ED-O-I-N-B
13005ED
否
NO
TO-251
条管
Tube
3DD13005ED-O-U-B-A
13005ED
否
NO
TO-252
编带
Brede
3DD13005ED-O-B-N-B
D13005ED
否
NO
TO-262
条管
Tube
3DD13005ED-O-S-B-B
D13005ED
否
NO
TO-263
条管
Tube
3DD13005ED-O-C-N-B
D13005ED
否
NO
TO-220C
条管
Tube
主要参数
MAIN CHARACTERISTICS
IC
4A
VCEO
400V
PC(TO-251/126/126S/220HF) 40W
PC(TO-252)
50W
PC(TO-220C/262/263)
75W
封装 Package
用途
节能灯
电子镇流器
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Energy-saving ligh
Electronic ballasts
High frequency switching power
supply
High frequency power transform
Commonly
power
amplifier
产品特性
高耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
High breakdown voltage
High current capability
High switching speed
High reliability
RoHS product
订货信息 ORDER MESSAGE
TO-251
TO-25
TO-263
TO-126S
TO-262
TO-220HF


Similar Part No. - 13005ED

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
13005ED JINGDAO-13005ED Datasheet
122Kb / 3P
Bipolar Junction Transistor
More results

Similar Description - 13005ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com