Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F40C3 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 10F40C3
Description  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F40C3 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F40C3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C3 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C3 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
10F40C3/10F40HF3
版本:201011A
4/6
外形尺寸 PACKAGE MECHANICAL DATA
TO-220HF
单位 Unit :mm
符 号
Symbol
Min
Max
A
4.3
4.7
B
1.5
1.75
B1
1.1
1.35
b
0.5
0.75
c
0.5
0.75
D
14.5
15.5
E
9.96
10.36
e
2.54(typ)
F
2.8
3.2
L
12.7
13.7
L2
3.6
4.0
ΦP
3.3
3.7
Q
2.5
2.9
Q1
2.5
2.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com