Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F20C3 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 12F20C3
Description  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

12F20C3 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  12F20C3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 12F20C3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 12F20C3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 12F20C3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 12F20C3 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 12F20C3 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:200911C
1/6
快恢复二极管
FAST RECOVER DIODE
12F20C3/HF3
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
12F20C3
12F20C3
TO-220C
条管 Tube
2.15 g(typ)
12F20HF3
12F20HF3
TO-220HF
条管 Tube
1.70 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
12(2×6) A
VRRM
200 V
trr
20 ns(典型值 typ)
VF(max)
0.9 V (典型值 typ)
封装 Package
用途
开关电源
UPS
APPLICATIONS
Switch power supply
UPS
产品特性
共阴结构
低功耗,高效率
高可靠性
环保(RoHS)产品
FEATSURE
Common cathode structure
Low power loss, high efficiency
High reliability
RoHS product
TO-22OC
TO-22OHF
订货信息 ORDER MESSAGE


Similar Part No. - 12F20C3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12F20 IRF-12F20 Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
12F20 IRF-12F20 Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
12F20 VISHAY-12F20 Datasheet
143Kb / 6P
Standard Recovery Diodes (Stud Version), 12 A
29-Sep-08
logo
International Rectifier
12F20B IRF-12F20B Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Thinki Semiconductor Co...
12F20HF3 THINKISEMI-12F20HF3 Datasheet
277Kb / 2P
12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - 12F20C3

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com