Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40F30W Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 40F30W
Description  FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

40F30W Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  40F30W Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 40F30W Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 40F30W Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 40F30W Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 40F30W Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:200912A
1/5
快恢复二极管
FAST RECOVERY DIODE
40F30W
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
40F30W
40F30W
TO-247
条管
Tube
5.2 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
40 A
VRRM
300 V
Tj(max)
175℃
VF(typ)
1.2 V
trr(typ )
30ns
用途
电焊机
马达驱动电路
PFC
PDP
APPLICATIONS
Welder
Motor drives
PFC
PDP
产品特性
恢复时间短
软开关特性
低量的恢复电荷
低正向压降
较高的工作结温
无铅
;符合 RoHS 标准
FEATURES
Fast recovery
Soft switching
Low reverse recovery charge
Low forward voltage
High junction operating temperature
Pb-free lead plating; RoHS compliant
订货信息 ORDER MESSAGE
封装 Package
TO-247


Similar Part No. - 40F30W

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
40F10RE OHMITE-40F10RE Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
40F1K0E OHMITE-40F1K0E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
40F1R0E OHMITE-40F1R0E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
40F250E OHMITE-40F250E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
40F4K5E OHMITE-40F4K5E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
More results

Similar Description - 40F30W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com