Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100F40AB Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 100F40AB
Description  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

100F40AB Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  100F40AB Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 100F40AB Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 100F40AB Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 100F40AB Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 100F40AB Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:200911B
1/5
快恢复二极管
FAST RECOVER DIODE
1
00F40AB
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
100F40AB
100F40AB
TO-3PB
条管
Tube
5.2 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
100 A
VRRM
400 V
Tj(max)
175℃
VF(typ)
1.25 V
trr(max)
70ns
用途
电焊机
马达驱动电路
APPLICATIONS
Welder
Motor drives
产品特性
恢复时间短
软开关特性
低量的恢复电荷
低正向压降
较高的工作结温
容易并联
无铅
;符合 RoHS 标准
FEATURES
Fast recovery
Soft switching
Low reverse recovery charge
Low forward voltage
High junction operating temperature
Easy paralleling
Pb-free lead plating; RoHS compliant
订货信息 ORDER MESSAGE
封装 Package
TO-3PB


Similar Part No. - 100F40AB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
100F1 NJSEMI-100F1 Datasheet
61Kb / 1P
Ultra-Fast Recovery
100F1 NJSEMI-100F1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
Cooper Bussmann, Inc.
100FE COOPER-100FE Datasheet
54Kb / 2P
British Style BS 88 690V 6-700A
100FE COOPER-100FE Datasheet
54Kb / 2P
British Style BS 88
logo
List of Unclassifed Man...
100FE ETC-100FE Datasheet
53Kb / 2P
British Style BS 88
7-18-01
More results

Similar Description - 100F40AB

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com