Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9050 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP9050
Description  PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9050 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP9050 Datasheet HTML 1Page - Diodes Incorporated AP9050 Datasheet HTML 2Page - Diodes Incorporated AP9050 Datasheet HTML 3Page - Diodes Incorporated AP9050 Datasheet HTML 4Page - Diodes Incorporated AP9050 Datasheet HTML 5Page - Diodes Incorporated AP9050 Datasheet HTML 6Page - Diodes Incorporated AP9050 Datasheet HTML 7Page - Diodes Incorporated AP9050 Datasheet HTML 8Page - Diodes Incorporated AP9050 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP9050
PROTECTION INTERFACE for PMICs with
INTEGRATED OVP CONTROL
AP9050
Document number: DS35283 Rev. 1 - 2
3 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2, 3)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
−0.3 to 30
V
VGS
Gate-to-Source Voltage
±12
V
IDpk
Drain Current, Peak (10µs pulse)
19
A
ID
Drain Current, Continuous
(Note 4, Steady-State)
TA = 25ºC
TA = 85ºC
3.7
2.7
A
Pmax
Total Power Dissipation @ TA = 25°C
(Note 3, 4)
750
mW
TJ
Junction Temperature Range
−40 to +125
°C
TJ
Non-operating Temperature Range
−55 to +150
°C
TL
Maximum Lead Temperature for Soldering
Purposes
260
°C
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.
Notes:
2. Exceeding these ratings may damage the device.
3. Mounted on FR4 Board using 30 mm
2
, 2 oz Cu.
4. Dual die operation (equally
−heated).
Thermal Resistance
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient (Note 5)
132
°C/W
θJC
Junction to Case
13
°C/W
Note:
5. Test condition for DFN2020-6: Mounted on FR4 Board using 30 mm
2
, 2 oz Cu.
Recommended Operating Conditions (Note 6)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
3
30
V
TA
Operating Ambient Temperature Range
−40
+85
°C
Note:
6. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com