Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # LM358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button LM358 Datasheet HTML 6Page - Diodes Incorporated LM358 Datasheet HTML 7Page - Diodes Incorporated LM358 Datasheet HTML 8Page - Diodes Incorporated LM358 Datasheet HTML 9Page - Diodes Incorporated LM358 Datasheet HTML 10Page - Diodes Incorporated LM358 Datasheet HTML 11Page - Diodes Incorporated LM358 Datasheet HTML 12Page - Diodes Incorporated LM358 Datasheet HTML 13Page - Diodes Incorporated LM358 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
13 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Ordering Information
Device
Package
Code
Packaging
(Note 10)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number Suffix
LM358S-13
S
SOP-8L
NA
NA
2500/Tape & Reel
-13
Notes:
10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
Package Outline Dimensions (All Dimensions in mm)
Package type: SOP-8L
1.27typ
0.3/0.5
7°~9°
4.85/4.95
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
(Unit: mm)
6x-1.27
8x-0.60
0°/8°
LM358
(Top View )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G Green
:
X : Internal Code
87
6
5
1
23
4
represents 52 and 53 week
LM358
(Top View )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G Green
:
X : Internal Code
87
6
5
1
23
4
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com