Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS5N60B Datasheet(PDF) 11 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS5N60B
Description  N-CHANNEL MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS5N60B Datasheet(HTML) 11 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS5N60B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 11Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N60B Datasheet HTML 12Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
R
JCS
5N60B
版本:201011A
11/12
外形尺寸 PACKAGE MECHANICAL DATA
TO-220MF
单位 Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com