Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS9N90FT Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS9N90FT
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS9N90FT Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS9N90FT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90FT Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:201010A
1/8
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS9N90FT
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen
Free
包
装
Packaging
器件重量
Device
Weight
JCS9N90FT-O-F-N-B
JCS9N90FT
TO-220MF 否
NO
条管
Tube
2.20 g(typ)
封装
Package
主要参数
MAIN CHARACTERISTICS
ID
9 A
VDSS
900 V
Rdson(@Vgs=10V) 1.35 Ω
Qg
43 nC
用途
高频开关电源
电子镇流器
UPS 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
UPS
产品特性
低栅极电荷
低
Crss (典型值 13pF)
开关速度快
产品全部经过雪崩测试
高抗
dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 13pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - JCS9N90FT

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS9N90FT-F1-B JSMC-JCS9N90FT-F1-B Datasheet
1Mb / 13P
N-CHANNEL MOSFET
202210F
JCS9N90FT-F1-BR JSMC-JCS9N90FT-F1-BR Datasheet
1Mb / 13P
N-CHANNEL MOSFET
202210F
More results

Similar Description - JCS9N90FT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com