Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1107 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1107 Datasheet HTML 1Page - Diodes Incorporated ZXCT1107 Datasheet HTML 2Page - Diodes Incorporated ZXCT1107 Datasheet HTML 3Page - Diodes Incorporated ZXCT1107 Datasheet HTML 4Page - Diodes Incorporated ZXCT1107 Datasheet HTML 5Page - Diodes Incorporated ZXCT1107 Datasheet HTML 6Page - Diodes Incorporated ZXCT1107 Datasheet HTML 7Page - Diodes Incorporated ZXCT1107 Datasheet HTML 8Page - Diodes Incorporated ZXCT1107 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
3 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (TA = 25°C, VS+ = 20V, VSENSE
5 = 100mV, R
GAIN = 0 unless otherwise stated)
ZXCT1107, ZXCT1109
Symbol
Parameter
Conditions
TA
Min
Typ
Max
Units
IS-
S- input current
VSENSE
5 = 0V
25°C
19
100
nA
-40°C
16
125°C
35
IOUT
Output current
6
VSENSE
5 = 0mV
25°C
1
3
10
µA
-40°C
2.2
125°C
5.5
VSENSE
5 = 10mV
25°C
37
45
54
-40°C
42
125°C
49
VSENSE
5 = 30mV
25°C
115
124
134
-40°C
119
125°C
129
VSENSE
5 = 100mV
25°C
394
408
422
-40°C
396
125°C
420
VSENSE
5 = 200mV
25°C
787
810
832
-40°C
785
125°C
832
VSENSE
5 = 500mV
25°C
1.965
2.015
2.064
mA
-40°C
1.965
125°C
2.065
IOUT -TC
Output current temperature coefficient
full range
370
ppm/ºC
CMSR
Common-Mode Sense rejection
VS+ = 2.5V to 36V
25°C
0.1
0.4
µA/V
-40°C
0.13
125°C
0.05
BW
-3dB Small Signal Bandwidth
VSENSE
5
(AC) = 10mVPP
RGAIN = 2.5kΩ
25°C
0.65
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com