Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA0152CS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA0152CS
Description  Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA0152CS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA0152CS Datasheet HTML 1Page - Sanyo Semicon Device LA0152CS Datasheet HTML 2Page - Sanyo Semicon Device LA0152CS Datasheet HTML 3Page - Sanyo Semicon Device LA0152CS Datasheet HTML 4Page - Sanyo Semicon Device LA0152CS Datasheet HTML 5Page - Sanyo Semicon Device LA0152CS Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ordering number : ENA1633
Monolithic Linear IC
For Ultra-small illumination Sensor
Photo IC
LA0152CS
Overview
The LA0152CS is a photo IC for micro-sized illumination sensor which has the characteristics of spectral response similar
to that of human eyes. It is suitable for applications like mobile phone, laptop computer, PDA, DSC and Camcorder.
Characteristic
• Smallest OD-CSP package in the world (1.01mm x 1.01mm x thickness: 0.6mm)
• Low variation and Optical Output Current in low temperature fluctuation.
• Integrated Sleep function.
• Low current consumption.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC
6
V
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
Recommended operating conditions and operating voltage range at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
SW pin low voltage
Vl
Sleep mode
0
0.4
V
SW pin high voltage
Vh
Active mode
1.4
VCC
V
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
D1609 SY 20091202-S00005 No.A1633-1/6


Similar Part No. - LA0152CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results

Similar Description - LA0152CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS831 TOSHIBA-TPS831 Datasheet
298Kb / 6P
TOSHIlBA PHOTO IC SI MONOLITHIC PHOTO IC
logo
Sanyo Semicon Device
LA0151CS SANYO-LA0151CS Datasheet
145Kb / 6P
Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
For Ultra-small illumination Sensor Photo IC
LV0111CF SANYO-LV0111CF Datasheet
184Kb / 6P
For Micro-sized illumination Sensor Photo IC
logo
ON Semiconductor
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
LV0111CF ONSEMI-LV0111CF Datasheet
148Kb / 7P
Photo IC for Micro-sized illumination Sensor
August, 2013
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
Monolithic Linear IC
November, 2013
logo
Asahi Kasei Microsystem...
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
Ultra-small IR sensor IC with IC
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
Ultra-small IR sensor IC with IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com