Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP613 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ATP613
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP613 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ATP613 Datasheet HTML 1Page - Sanyo Semicon Device ATP613 Datasheet HTML 2Page - Sanyo Semicon Device ATP613 Datasheet HTML 3Page - Sanyo Semicon Device ATP613 Datasheet HTML 4Page - Sanyo Semicon Device ATP613 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ATP613
No. A1903-1/5
Features
•
Reverse recovery time trr=60ns(typ.)
•
ON-resistance RDS(on)=1.55Ω(typ.)
•
Input Capacitance Ciss=350pF(typ.)
•
10V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
500
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
5.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
19
A
Source-to-Drain Diode Forward Current (DC)
IS
5.5
A
Source-to-Drain Diode Forward Current (Pulse)
ISP
PW≤10μs, duty cycle≤1%
19
A
Allowable Power Dissipation
PD
Tc=25°C70
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
93
mJ
Avalanche Current *2
IAV
5.5
A
Note :
*1 VDD=99V, L=5mH, IAV=5.5A
*2 L≤5mH, Single pulse (Fig.1)
Package Dimensions
unit : mm (typ)
7057-001
Ordering number : ENA1903
D1510QB TKIM TC-00002545
SANYO Semiconductors
DATA SHEET
ATP613
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: ATPAK
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
TL
ATP613
LOT No.
1
3
2,4


Similar Part No. - ATP613

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP613 SANYO-ATP613 Datasheet
493Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP613 ONSEMI-ATP613 Datasheet
386Kb / 7P
N-Channel Power MOSFET
July, 2013
ATP613-TL-H ONSEMI-ATP613-TL-H Datasheet
386Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP613 SANYO-ATP613_11 Datasheet
392Kb / 5P
General-Purpose Switching Device Applications
ATP613 SANYO-ATP613_12 Datasheet
493Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP613

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3477 SANYO-MCH3477 Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2409 SANYO-SCH2409 Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com