Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11620GP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11620GP
Description  Monolithic Digital IC Brushless Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11620GP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11620GP Datasheet HTML 1Page - Sanyo Semicon Device LB11620GP Datasheet HTML 2Page - Sanyo Semicon Device LB11620GP Datasheet HTML 3Page - Sanyo Semicon Device LB11620GP Datasheet HTML 4Page - Sanyo Semicon Device LB11620GP Datasheet HTML 5Page - Sanyo Semicon Device LB11620GP Datasheet HTML 6Page - Sanyo Semicon Device LB11620GP Datasheet HTML 7Page - Sanyo Semicon Device LB11620GP Datasheet HTML 8Page - Sanyo Semicon Device LB11620GP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LB11620GP
No.A1913-2/13
Recommended Operating Ranges at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1-1
VCC1-1
VCC pin
8 to 17
V
Supply voltage range 1-2
VCC1-2
VCC pin, with VCC shorted to VREG
4.5 to 5.5
V
Output current
IO
UL, VL, WL, UH, VH, WH pins
25
mA
5 V constant voltage output current
IREG
-30
mA
HP pin voltage
VHP
0 to 17
V
HP pin output current
IHP
0 to 15
mA
RD pin voltage
VRD
0 to 17
V
RD pin output current
IRD
0 to 15
mA
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage 1
ICC1
12
16
mA
5V constant voltage output (VREG pin)
Output voltage
VREG
4.7
5.0
5.3
V
Line regulation
ΔVREG1
VCC = 8 to 17V
40
100
mV
Load regulation
ΔVREG2
IO = -5 to -20mA
10
30
mV
Temperature coefficient
ΔVREG3
Design target
0
mV/
°C
Low-voltage protection circuit (VREG pin)
Operating voltage
VSDL
3.5
3.7
3.9
V
Clear voltage
VSDH
3.95
4.15
4.35
V
Hysteresis
ΔVSD
0.3
0.45
0.6
V
Output Block
Output voltage 1-1
VOUT1-1
Low level IO = 400μA
0.2
0.5
V
Output voltage 1-2
VOUT1-2
Low level IO = 10mA
0.9
1.2
V
Output voltage 2
VOUT2
High level IO = -20mA
VCC-1.1
VCC-0.9
V
Output leakage current
IOleak
10
μA
Hall Amplifier Block
Input bias current
IHB (HA)
-2
-0.5
μA
Common-mode input voltage range 1
VICM1
When a Hall effect sensor is used
0.5
VCC-2.0
V
Common-mode input voltage range 2
VICM2
For single-sided input bias
(Hall IC application)
0
VCC
V
Hall input sensitivity
80
mVp-p
Hysteresis
ΔVIN (HA)
15
24
40
mV
Input voltage low
→ high
VSLH (HA)
5
12
20
mV
Input voltage high
→ low
VSHL (HA)
-20
-12
-5
mV
PWM Oscillator (PWM pin)
High-level output voltage
VOH (PWM)
2.75
3.0
3.25
V
Low-level output voltage
VOL (PWM)
1.2
1.35
1.5
V
External capacitor charge current
ICHG
VPWM = 2.1V
-120
-90
-65
μA
Oscillator frequency
f (PWM)
C = 2000pF
22
kHz
Amplitude
V (PWM)
1.4
1.6
1.9
Vp-p
EI+ pin
Input bias current
IB (CTL)
-1
1
μA
Common-mode input voltage range
VICM
0
VREG-1.7
V
Input voltage 1
VCTL1
Output duty 100%
3.0
V
Input voltage 2
VCTL2
Output duty 0%
1.35
V
Input voltage 1L
VCTL1L
Design target value.
When VREG = 4.7V, 100%
2.82
V
Input voltage 2L
VCTL2L
Design target value.
When VREG = 4.7V, 0%
1.29
V
Input voltage 1H
VCTL1H
Design target value.
When VREG = 5.3V, 100%
3.18
V
Input voltage 2H
VCTL2H
Design target value.
When VREG = 5.3V, 0%
1.44
V
Continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com