Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3302
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3302_11 Datasheet HTML 5Page - Microchip Technology MCP3302_11 Datasheet HTML 6Page - Microchip Technology MCP3302_11 Datasheet HTML 7Page - Microchip Technology MCP3302_11 Datasheet HTML 8Page - Microchip Technology MCP3302_11 Datasheet HTML 9Page - Microchip Technology MCP3302_11 Datasheet HTML 10Page - Microchip Technology MCP3302_11 Datasheet HTML 11Page - Microchip Technology MCP3302_11 Datasheet HTML 12Page - Microchip Technology MCP3302_11 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
 2011 Microchip Technology Inc.
DS21697F-page 9
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps,
FCLK = 21*FSAMPLE, TA = +25°C.
FIGURE 2-13:
Total Harmonic Distortion
(THD) vs. Input Frequency.
FIGURE 2-14:
Offset Error vs.
Temperature.
FIGURE 2-15:
Signal-to-Noise and
Distortion (SINAD) vs. Input Frequency.
FIGURE 2-16:
Signal-to-Noise and
Distortion (SINAD) vs. Input Signal Level.
FIGURE 2-17:
Effective Number of Bits
(ENOB) vs. VREF.
FIGURE 2-18:
Spurious Free Dynamic
Range (SFDR) vs. Input Frequency.
-70
-60
-50
-40
-30
-20
-10
0
-100
-90
-80
70
1
10
100
Input Frequency (kHz)
2.7
2.8
2.9
3
3.1
2.5
2.6
-50
0
50
100
150
Temperature (°C)
72
73
74
75
76
77
78
79
69
70
71
72
1
10
100
Input Frequency (kHz)
30
40
50
60
70
80
0
10
20
-40
-30
-20
-10
0
Input Signal Level (dB)
9
10
11
12
13
7
8
0
12345
6
V
REF (V)
30
40
50
60
70
80
90
100
0
10
20
30
1
10
100
Input Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com