Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3301T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3301T
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3301T Datasheet HTML 9Page - Microchip Technology MCP3301T Datasheet HTML 10Page - Microchip Technology MCP3301T Datasheet HTML 11Page - Microchip Technology MCP3301T Datasheet HTML 12Page - Microchip Technology MCP3301T Datasheet HTML 13Page - Microchip Technology MCP3301T Datasheet HTML 14Page - Microchip Technology MCP3301T Datasheet HTML 15Page - Microchip Technology MCP3301T Datasheet HTML 16Page - Microchip Technology MCP3301T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
 2011 Microchip Technology Inc.
DS21700D-page 13
MCP3301
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Voltage Reference (VREF)
This input pin provides the reference voltage for the
device, which determines the maximum range of the
analog input signal and the LSB size.
The LSB size is determined by the equation shown
below. As the reference input is reduced, the LSB size
is reduced accordingly.
EQUATION
When using an external voltage reference device, the
system
designer
should
always
refer
to
the
manufacturer’s recommendations for circuit layout.
Any instability in the operation of the reference device
will have a direct effect on the accuracy of the ADC
conversion results.
3.2
Positive Analog Input (IN+)
This pin has an absolute voltage range of VSS-0.3V to
VDD+0.3V. The full scale input range is defined as the
absolute value of (IN+) - (IN-).
3.3
Negative Analog Input (IN-)
This pin has an absolute voltage range of VSS-0.3V to
VDD+0.3V. The full scale input range is defined as the
absolute value of (IN+) - (IN-).
3.4
Ground Connection (VSS)
If
an
analog
ground
plane
is
available,
it
is
recommended that this device be tied to the analog
ground plane in the circuit. See Section 5.6 “Layout
Considerations”, for more information regarding
circuit layout.
3.5
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low. This pin will end a
conversion and put the device in low power standby
when pulled high. The CS/SHDN pin must be pulled
high between conversions and cannot be tied low for
multiple
conversions.
See
Figure 6-2
for
serial
communication protocol.
3.6
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place. See Figure 6-2 for serial communication
protocol.
3.7
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion, as
well as to clock out each bit of the conversion as it takes
place. See Section 5.2 “Driving the Analog Input”
for constraints on clock speed, and Figure 6-2 for serial
communication protocol.
3.8
Power Supply (VDD)
The device can operate from 2.7V to 5.5V, but the
performance is applicable from a 4.5V to 5.5V supply
range. To ensure accuracy, a 0.1 µF ceramic bypass
capacitor should be placed as close as possible to the
pin. See Section 5.6 “Layout Considerations” for
more information regarding circuit layout.
MSOP, PDIP,
SOIC
Name
Function
1VREF
Reference Voltage Input
2
IN(+)
Positive Analog Input
3
IN(-)
Negative Analog Input
4VSS
Ground
5CS/SHDN
Chip Select / Shutdown Input
6DOUT
Serial Data Out
7
CLK
Serial Clock
8VDD
+4.5V to 5.5V Power Supply
LSB Size =
2 x VREF
8192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com