Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H01 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6H01
Description  1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H01 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6H01 Datasheet HTML 1Page - Microchip Technology MCP6H01 Datasheet HTML 2Page - Microchip Technology MCP6H01 Datasheet HTML 3Page - Microchip Technology MCP6H01 Datasheet HTML 4Page - Microchip Technology MCP6H01 Datasheet HTML 5Page - Microchip Technology MCP6H01 Datasheet HTML 6Page - Microchip Technology MCP6H01 Datasheet HTML 7Page - Microchip Technology MCP6H01 Datasheet HTML 8Page - Microchip Technology MCP6H01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2011 Microchip Technology Inc.
DS22243C-page 1
MCP6H01/2/4
Features:
• Input Offset Voltage: ±0.7 mV (typical)
• Quiescent Current: 135 µA (typical)
• Common Mode Rejection Ratio: 100 dB (typical)
• Power Supply Rejection Ratio: 102 dB (typical)
• Rail-to-Rail Output
• Supply Voltage Range:
- Single-Supply Operation: 3.5V to 16V
- Dual-Supply Operation: ±1.75V to ±8V
• Gain Bandwidth Product: 1.2 MHz (typical)
• Slew Rate: 0.8V/µs (typical)
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
Applications:
• Automotive Power Electronics
• Industrial Control Equipment
• Battery Powered Systems
• Medical Diagnostic Instruments
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description:
Microchip’s MCP6H01/2/4 family of operational amplifi-
ers (op amps) has a wide supply voltage range of 3.5V
to 16V and rail-to-rail output operation. This family is
unity gain stable and has a gain bandwidth product of
1.2 MHz (typical). These devices operate with a
single-supply voltage as high as 16V, while only
drawing 135 µA/amplifier (typical) of quiescent current.
The
MCP6H01/2/4
family
is
offered
in
single
(MCP6H01), dual (MCP6H02) and quad (MCP6H04)
configurations. All devices are fully specified in
extended temperature range from -40°C to +125°C.
Package Types
Difference Amplifier
R1
VOUT
R2
R1
VREF
R2
VDD
V1
V2
MCP6H01
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
8
7
6
5
EP
9
VDD
VOUT
NC
NC
VIN+
VIN–
VSS
NC
1
2
3
4
8
7
6
5
EP
9
VOUTB
VINB–
VINB+
VDD
VINA+
VINA–
VSS
VOUTA
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
MCP6H01
SOIC
MCP6H02
SOIC
MCP6H01
2x3 TDFN
MCP6H02
2x3 TDFN
MCP6H04
SOIC, TSSOP
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
VINB+ 5
10 VINC+
VINB– 6
9
VOUTB 7
8 VOUTC
VINC–
1.2 MHz, 16V Op Amps


Similar Part No. - MCP6H01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
More results

Similar Description - MCP6H01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A AVAGO-ACPL-C78A Datasheet
278Kb / 17P
Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
Low Offset Voltage, Low Input Bias Current Op Amp
logo
ON Semiconductor
NCS20231 ONSEMI-NCS20231 Datasheet
763Kb / 24P
Operational Amplifier, 36 V, 3 MHz, 0.95 mV Input Offset Voltage, Rail-to-Rail
April, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com